Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB M67C-R2S2-2J8L-1 Datasheet (PDF) - ams-OSRAM AG

LCB M67C-R2S2-2J8L-1 Datasheet PDF - ams-OSRAM AG
Part # LCB M67C-R2S2-2J8L-1
Download  LCB M67C-R2S2-2J8L-1 Download
File Size   1828.04 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Mini TOPLED®

LCB M67C-R2S2-2J8L-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCB M67C-R2S2-2J8L-1 Datasheet PDF - ams-OSRAM AG

Part # LCB M67C-R2S2-2J8L-1
Download  LCB M67C-R2S2-2J8L-1 Click to download

File Size   1828.04 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Mini TOPLED®

LCB M67C-R2S2-2J8L-1 Datasheet (HTML) - ams-OSRAM AG


LCB M67C-R2S2-2J8L-1 Product details

Applications
- Ambient Lighting - Automotive Aftermarket
Features
- Package: white SMT package, colored diffused resin
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LCB M67C-R2S2-2J8L-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCB M67D-S2U1-2J8L-S6Z6-5 AMSOSRAM-LCB M67D-S2U1-2J8L-S6Z6-5 Datasheet
1Mb / 24P
Mini TOPLED®
Version 1.3 2024-02-12
LCB M67S-N2R1-4R6T-1 AMSOSRAM-LCB M67S-N2R1-4R6T-1 Datasheet
1Mb / 23P
Mini TOPLED®
Version 1.10 2022-08-04
More results


Similar Description - LCB M67C-R2S2-2J8L-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com